| Moteur de recherche de fiches techniques de composants électroniques |
|
HIP4082IP Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HIP4082IP Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 14 page ![]() HIP4082 FN3676 Rev 5.00 Page 2 of 14 September 30, 2015 HIP4082 Pinout HIP4082 (PDIP, SOIC) TOP VIEW Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # HIP4082IB* HIP4082IB -55 to +125 16 Ld SOIC (N) M16.15 HIP4082IBZ* (Note) 4082IBZ -55 to +125 16 Ld SOIC (N) (Pb-free) M16.15 HIP4082IP (No longer avail- able, recommended replace- ment: HIP4082IPZ) HIP4082IP -55 to +125 16 Ld PDIP E16.3 HIP4082IPZ (Note) HIP4082IPZ -55 to +125 16 Ld PDIP** (Pb-free) E16.3 *Add “T” suffix for tape and reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 BHB BHI BLI ALI DEL VSS DIS AHI BHO BLO ALO VDD AHS AHO AHB BHS |