| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4307 Fiches technique(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4307 Fiches technique(HTML) 9 Page - Infineon Technologies AG |
|
9 / 10 page ![]() Data Sheet Rev. 1.1 9 2000-10-11 TLE 4307 Package Outlines GPT09161 5.4 ±0.1 -0.10 6.5 +0.15 A 0.15 max ±0.1 per side 5x0.6 1.14 4.56 +0.08 -0.04 0.9 2.3 -0.10 +0.05 B ±0.1 1 +0.08 -0.04 0.5 0...0.15 B A 0.25 M 0.1 All metal surfaces tin plated, except area of cut. P-TO252-5-1 (D-PAK) (Plastic Transistor Single Outline Package) Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book “Package Information”. Dimensions in mm SMD = Surface Mounted Device |