| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE8250G Fiches technique(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250G Fiches technique(HTML) 13 Page - Infineon Technologies AG |
|
13 / 28 page ![]() Data Sheet 13 Rev. 1.11 2016-12-29 TLE8250G High Speed CAN-Transceiver Fail Safe Functions The TLE8250G has an integrated over-temperature detection to protect the device against thermal overstress of the output driver stage. In case of an over-temperature event, the temperature sensor will disable the output driver stage (see Figure 1). After the device cools down the output driver stage is activated again (see Figure 7). Inside the temperature sensor a hysteresis is implemented. |