Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2002T Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce PCA2002T
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002T Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button PCA2002T Datasheet HTML 12Page - NXP Semiconductors PCA2002T Datasheet HTML 13Page - NXP Semiconductors PCA2002T Datasheet HTML 14Page - NXP Semiconductors PCA2002T Datasheet HTML 15Page - NXP Semiconductors PCA2002T Datasheet HTML 16Page - NXP Semiconductors PCA2002T Datasheet HTML 17Page - NXP Semiconductors PCA2002T Datasheet HTML 18Page - NXP Semiconductors PCA2002T Datasheet HTML 19Page - NXP Semiconductors PCA2002T Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
2004 Jan 20
19
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
Bare die
 All die are tested and are guaranteed to
comply with all data sheet limits up to the point of wafer
sawing for a period of ninety (90) days from the date of
Philips' delivery. If there are data sheet limits not
guaranteed, these will be separately indicated in the data
sheet. There are no post packing tests performed on
individual die or wafer. Philips Semiconductors has no
control of third party procedures in the sawing, handling,
packing or assembly of the die. Accordingly, Philips
Semiconductors assumes no liability for device
functionality or performance of the die or systems after
third party sawing, handling, packing or assembly of the
die. It is the responsibility of the customer to test and
qualify their application in which the die is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20