| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54SWQ Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAT54SWQ Fiches technique(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() BAT54WQ /AWQ /CWQ /SWQ Document number: DS38604 Rev. 4 - 2 4 of 5 www.diodes.com January 2018 © Diodes Incorporated BAT54WQ /AWQ /CWQ /SWQ Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. SOT323 SOT323 Dim Min Max Typ A1 0.00 0.10 0.05 A2 0.90 1.00 0.95 b 0.25 0.40 0.30 c 0.10 0.18 0.11 D 1.80 2.20 2.15 E 2.00 2.20 2.10 E1 1.15 1.35 1.30 e 0.650 BSC e1 1.20 1.40 1.30 F 0.375 0.475 0.425 L 0.25 0.40 0.30 a 0 ° 8 ° -- All Dimensions in mm Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. SOT323 Dimensions Value (in mm) C 0.650 G 1.300 X 0.470 Y 0.600 Y1 2.500 a E1 E F e1 b L c e A2 A1 D Y1 G Y X C |