Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM48 Fiches technique(PDF) 30 Page - Bel Fuse Inc.

No de pièce STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Fiches technique(HTML) 30 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 22Page - Bel Fuse Inc. STM48 Datasheet HTML 23Page - Bel Fuse Inc. STM48 Datasheet HTML 24Page - Bel Fuse Inc. STM48 Datasheet HTML 25Page - Bel Fuse Inc. STM48 Datasheet HTML 26Page - Bel Fuse Inc. STM48 Datasheet HTML 27Page - Bel Fuse Inc. STM48 Datasheet HTML 28Page - Bel Fuse Inc. STM48 Datasheet HTML 29Page - Bel Fuse Inc. STM48 Datasheet HTML 30Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 30 of 30
belfuse.com/power-solutions
The Power Stamp Alliance
Revision History
Date
Revision
Notes
Approved
23/02/2018
1.0
First release
GM
For more information about these products, please consult tech.support@psbel.com
NUCLEAR AND MEDICAL APPLICATIONS
Products are not designed or intended for use as critical components in life support systems, equipment used in
hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS
The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date of manufacturing. Specifications are subject to change without notice.
The Power Stamp Alliance defines a standard product footprint and functions that provide a multiple-sourced,
standard board-mounted solution for power conversion for 48Vin to low voltage, high current applications.
These 48V direct conversion DC-DC modules - or 'power stamps' - primarily target devices being used in large data
centers (e.g. CPU, DDR, FPGA, ASIC), many of which are following the principles of the Open Compute Project
(OCP).
Some of the first processor architectures addressed by the Power Stamp Alliance are the Intel VR13 Skylake CPUs,
Intel VR13-HC Ice Lake CPUs, DDR4 memories, IBM POWER9 (P9) architecture processors and devices using the
PMBus AVS protocol or SVID protocol.
48V single stage power conversion offers Open Compute Project and data center companies a range of business
and technical benefits.
www.powerstamp.org



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30