| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS951901 Fiches technique(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951901 Fiches technique(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 19 page ![]() 5 ICS951901 0670B—07/15/04 Byte 6: Control , Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 d e v r e s e R 6 t i B- 0 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 0 d e v r e s e R 3 t i B- 1 d e v r e s e R 2 t i B- 0 d e v r e s e R 1 t i B- 0 d e v r e s e R 0 t i B- 1 d e v r e s e R Byte 7: Vendor ID Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B3 , 20 X 2 = 1 , X 1 = 0 h t g n e r t s F E R 6 t i B5 40 l o r t n o C - p o t S - 2 K L C U P C , 2 K L C U P C l o r t n o c l l i w # P O T S _ U P C = 0 w o l s i # P O T S _ U P C f i n e v e g n i n n u r e e r f s i 2 K L C U P C = 1 5 t i B- X ) k c a b d a e R ( L E S P G A 4 t i B- X ) k c a b d a e R ( E D O M 3 t i B- X ) k c a b d a e R ( # P O T S _ U P C 2 t i B- X ) k c a b d a e R ( # P O T S _ I C P 1 t i B- X ) k c a b d a e R ( # P O T S _ M A R D S 0 t i B- 0 e l g g o T d e e p S P G A , g n i t t e s t u p n i h c t a l y b d e n i m r e t e d e b l l i w ) 2 n i p ( L E S P G A = 0 g n i t t e s t u p n i h c t a l f o e t i s o p p o e b l l i w L E S P G A = 1 Byte 8: Byte Count and Read Back Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 d e v r e s e R 6 t i B- 0 d e v r e s e R 5 t i B- 0 d e v r e s e R 4 t i B- 0 d e v r e s e R 3 t i B- 0 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 0 d e v r e s e R 0 t i B- 0 d e v r e s e R Note: FS values in bit [0:4] will correspond to Byte 0 FS values. Default safe frequency is same as 00000 entry in byte0. Byte 10: VCO Control Selection Bit & Watchdog Timer Control Register t i BD W Pn o i t p i r c s e D 7 t i B0 q e r f 2 1 & 1 1 B = 1 / q e r f 0 B / w H = 0 6 t i B0 e l b a n e = 1 / e l b a s i d = 0 e l b a n E D W 5 t i B0 m r a l a = 1 / l a m r o n = 0 s u t a t S D W 4 t i B0 2 t i b 0 e t y B , y c n e u q e r F e f a S D W 3 t i B0 3 S F , y c n e u q e r F e f a S D W 2 t i B0 2 S F , y c n e u q e r F e f a S D W 1 t i B0 1 S F , y c n e u q e r F e f a S D W 0 t i B0 0 S F , y c n e u q e r F e f a S D W Byte 9: Watchdog Timer Count Register t i BD W Pn o i t p i r c s e D 7 t i B0 e s e h t f o n o i t a t n e s e r p e r l a m i c e d e h T s m 1 r o s m 0 9 2 o t d n o p s e r r o c s t i b 8 e r o f e b t i a w l l i w r e m i t g o d h c t a w e h t e h t t e s e r d n a e d o m m r a l a o t s e o g t i t l u a f e D . g n i t t e s e f a s e h t o t y c n e u q e r f 6 . 4 = s m 0 9 2 X 6 1 s i p u r e w o p t a . s d n o c e s 6 t i B0 5 t i B0 4 t i B1 3 t i B0 2 t i B0 1 t i B0 0 t i B0 |