| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL6527IBZ Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6527IBZ Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 17 page ![]() ISL6527, ISL6527A FN9056 Rev 11.00 Page 2 of 17 Sep 29, 2015 Ordering Information PART NUMBER (Note) PART MARKING TEMP RANGE (°C) PACKAGE (Pb-Free) PKG DWG. # ISL6527ACBZ* 6527ACBZ 0 to +70 14 Ld SOIC M14.15 ISL6527ACRZ* (No longer available, recommended replacement: ISL6527ACBZ, ISL6527ACBZ-T) ISL6527 ACRZ 0 to +70 16 Ld 5x5 QFN L16.5x5B ISL6527AIRZ* (No longer available, recommended replacement: ISL6527ACBZ, ISL6527ACBZ-T) ISL6527 AIRZ -40 to +85 16 Ld 5x5 QFN L16.5x5B ISL6527CRZ* (No longer available, recommended replacement: ISL6527ACBZ, ISL6527ACBZ-T) ISL6527 CRZ 0 to +70 16 Ld 5x5 QFN L16.5x5B ISL6527IBZ* (No longer available, recommended replacement: ISL6527ACBZ, ISL6527ACBZ-T) 6527IBZ -40 to +85 14 Ld SOIC M14.15 ISL6527IRZ* (No longer available, recommended replacement: ISL6527ACBZ, ISL6527ACBZ-T) ISL6527 IRZ -40 to +85 16 Ld 5x5 QFN L16.5x5B ISL6527EVAL1 ISL6527 SOIC Evaluation Board ISL6527EVAL2 ISL6527 QFN Evaluation Board ISL6527AEVAL2 ISL6527A QFN Evaluation Board *Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Pinouts ISL6527, ISL6527A (14 LD SOIC) TOP VIEW ISL6527, ISL6527A (16 LD QFN) TOP VIEW 12 14 13 4 3 2 1 LGATE CPVOUT UGATE PHASE VCC BOOT GND CT1 11 7 6 5 9 8 10 CT2 OCSET/SD FB CPGND REF_IN COMP 1 3 4 15 CPVOUT CT1 CT2 OCSET/SD 16 14 13 2 12 10 9 11 6 57 8 PHASE VCC CPGND NC NO LO NG ER AV AI LA BL E OR SU PP OR TE D |