Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC755CPX400LE Fiches technique(PDF) 32 Page - Motorola, Inc

No de pièce MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Fiches technique(HTML) 32 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 28Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 29Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 30Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 31Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 32Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 33Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 34Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 35Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
32
Freescale Semiconductor
Package Description
7.2 Mechanical Dimensions for the MPC745 PBGA
Figure 18 provides the mechanical dimensions and bottom surface nomenclature for the MPC745, 255 PBGA
package.
Figure 18. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC745,
255 PBGA Package
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A METALIZED
FEATURE WITH VARIOUS SHAPES. BOTTOM
SIDE A1 CORNER IS DESIGNATED WITH A BALL
MISSING FROM THE ARRAY.
4. CAPACITOR PADS MAY BE UNPOPULATED.
Millimeters
DIM
Min
Max
A
2.25
2.80
A1
0.50
0.70
A2
1.00
1.20
A3
—
0.60
b
0.60
0.90
D
21.00 BSC
D1
6.75
E
21.00 BSC
E1
7.87
e
1.27 BSC
0.2
D
2X
A1 CORNER
E
0.2
B
A
C
0.2 C
B
C
255X
e
123456789 10 11 12 13 14 15 16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
E1
D1
A
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56