Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MNLM136A Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MNLM136A
Description  2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM136A Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  MNLM136A Datasheet HTML 1Page - National Semiconductor (TI) MNLM136A Datasheet HTML 2Page - National Semiconductor (TI) MNLM136A Datasheet HTML 3Page - National Semiconductor (TI) MNLM136A Datasheet HTML 4Page - National Semiconductor (TI) MNLM136A Datasheet HTML 5Page - National Semiconductor (TI) MNLM136A Datasheet HTML 6Page - National Semiconductor (TI) MNLM136A Datasheet HTML 7Page - National Semiconductor (TI) MNLM136A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROCIRCUIT DATA SHEET
MNLM136A-2.5-X-RH REV 0E0
Features
- Low temperature coefficient
- Wide operating current of 400uA to 10mA
- 0.2 Ohms dynamic impedance
- +1% initial tolerance available
- Guaranteed temperature stability
- Easily trimmed for minimum temperature drift
- Fast turn-on
- Three lead transistor package
CONTROLLING DOCUMENTS:
LM136AH-2.5-SMD
5962-0050101QXA
LM136AH-2.5/883
8418003XA
LM136AH-2.5RQML
5962R0050101QXA
LM136AH-2.5RQV
5962R0050101VXA
2



Html Pages

1 2 3 4 5 6 7 8