Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC1815 Fiches technique(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

No de pièce HCC1815
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Site Internet  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCC1815 Fiches technique(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCC1815 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC1815 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC1815 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC1815 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HCC1815(NPN)
GENERAL PURPOSE TRANSISTOR
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
3 / 4
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.300
4.700
0.169
0.185
D1
3.430
0.135
E
4.300
4.700
0.169
0.185
e
1.270 TYP.
0.050 TYP.
e1
2.440
2.640
0.096
0.104
L
14.100
14.500
0.555
0.571
Φ
1.600
0.063
h
0.000
0.380
0.000
0.015
TO-92 Package Outline Dimensions



Html Pages

1 2 3 4