| Moteur de recherche de fiches techniques de composants électroniques |
|
MM54HC75 Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM54HC75 Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 4 page ![]() AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns Symbol Parameter Conditions Typ Guaranteed Units Limit tPHL tPLH Maximum Propagation ns Delay Data to Q tPHL tPLH Maximum Propagation ns Delay Data to Q tPHL tPLH Maximum Propagation ns Delay Enable to Q tPHL tPLH Maximum Propagation ns Delay Enable to Q ts Minimum Set Up Time ns tH Minimum Hold Time b ns tW Minimum Pulse Width ns AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified) TAe25 C 74HC 54HC Symbol Parameter Conditions VCC TAeb40 to 85 CTAeb55 to 125 C Units Typ Guaranteed Limits tPHL tPLH Maximum Propagation V ns Delay Data to Q V ns V ns tPHL tPLH Maximum Propagation V ns Delay Data to Q V ns V ns tPHL tPLH Maximum Propagation V ns Delay Enable to Q V ns V ns tPHL tPLH Maximum Propagation V ns Delay Enable to Q V ns V ns ts Minimum Set Up Time V ns Data to Enable V ns V ns tH Minimum Hold Time V b ns Enable to Data V b ns V b ns tW Minimum Enable Pulse Width V ns V ns V ns tTLH tTHL Maximum Output V ns Rise and Fall Time V ns V ns CPD Power Dissipation per commonly pF Capacitance Note clocked latched pair CIN Maximum Input pF Capacitance Note 5 CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC 3 |