| Moteur de recherche de fiches techniques de composants électroniques |
|
CSD01060 Fiches technique(PDF) 6 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CSD01060 Fiches technique(HTML) 6 Page - Cree, Inc |
|
6 / 6 page ![]() 6 6 CSD01060 Rev. P Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5451 www.cree.com/power • RoHSCompliance The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree representative or from the Product Documentation sections of www.cree.com. • REAChCompliance REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemi- cal Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable future,please contact a Cree representative to insure you get the most up-to-date REACh SVHC Declaration. REACh banned substance information (REACh Article 67) is also available upon request. • This product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiacdefibrillatorsorsimilaremergencymedicalequipment,aircraftnavigationorcommunicationorcontrol systems,airtrafficcontrolsystems,orweaponssystems. Notes Recommended Solder Pad Layout Part Number Package Marking CSD01060A TO-220-2 CSD01060 CSD01060E TO-252-2 CSD01060 TO-252-2 TO-220-2 .08 .26 Note: Recommended soldering profiles can be found in the applications note here: http://www.cree.com/power_app_notes/soldering |