| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3301 Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3301 Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 32 page ![]() 2002 Microchip Technology Inc. DS21700B-page 11 MCP3301 Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, fSAMPLE = 100 ksps, fCLK = 17*fSAMPLE, TA = 25°C. FIGURE 2-31: I DD vs. VDD. FIGURE 2-32: IDD vs. Sample Rate. FIGURE 2-33: IDD vs. Temperature. FIGURE 2-34: IREF vs. VDD. FIGURE 2-35: IREF vs. Sample Rate. FIGURE 2-36: IREF vs. Temperature. 0 50 100 150 200 250 300 350 400 450 2 2.5 3 3.5 4 4.5 5 5.5 6 VDD (V) 0 50 100 150 200 250 300 350 400 450 500 0 50 100 150 200 Sample Rate (ksps) VDD=VREF=2.7V VDD=VREF=5V 0 50 100 150 200 250 300 350 400 -50 0 50 100 150 Temperature (°C) VDD=VREF=2.7V FSAMPLE = 50 ksps VDD=VREF=5V FSAMPLE = 100 ksps 0 20 40 60 80 100 120 2 2.5 3 3.5 4 4.5 5 5.5 6 VDD (V) 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 Sample Rate (ksps) VDD=VREF=2.7V VDD=VREF=5V 0 10 20 30 40 50 60 70 80 -50 0 50 100 150 Temperature (°C) VDD=VREF=2.7V FSAMPLE = 50 ksps VDD=VREF=5V FSAMPLE = 100 ksps |