Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC6261 Fiches technique(PDF) 28 Page - Linear Technology

No de pièce LTC6261
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC6261 Fiches technique(HTML) 28 Page - Linear Technology

Back Button LTC6261 Datasheet HTML 20Page - Linear Technology LTC6261 Datasheet HTML 21Page - Linear Technology LTC6261 Datasheet HTML 22Page - Linear Technology LTC6261 Datasheet HTML 23Page - Linear Technology LTC6261 Datasheet HTML 24Page - Linear Technology LTC6261 Datasheet HTML 25Page - Linear Technology LTC6261 Datasheet HTML 26Page - Linear Technology LTC6261 Datasheet HTML 27Page - Linear Technology LTC6261 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC6258/LTC6259/LTC6260
28
6258960fa
For more information www.linear.com/LTC6258
LINEAR TECHNOLOGY CORPORATION 2017
LT 0417 REV A • PRINTED IN USA
www.linear.com/LTC6258
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC6255/LTC6256/
LTC6257
6.5MHz, 65µA Power Efficient RR Op Amp
6.5MHz, 65µA, RR IN/OUT, 1.8V to 5.25V
LTC6261/LTC6262/
LTC6263
30MHz, 240µA Power Efficient RR Op Amp
30MHz, 240µA, RR IN/OUT, 1.8V to 5.25V
LTC6246/LTC6247/
LTC6248
180MHz, 1mA, Power Efficient Rail-to-Rail Op Amps
180MHz GBW, 1mA, 500μV VOS, RR In/Out, 2.5V to 5.25V, 90V/µs
Slew Rate
LT1498/LT1499
10MHz, 6V/µs, Dual/Quad,Rail-to-Rail Input and Output,
Precision C-Load Op Amps
10MHz GBW, 1.7mA, 475μV VOS, RR In/Out, 2.2V to ±15V, 10nF CLOAD
LTC6081/LTC6082 Precision Dual/Quad CMOS Rail-to-Rail Input/Output
Amplifiers
3.6MHz GBW, 330μA, 70μV VOS, RR In/Out, 2.7V to 5.5V, 100dB CMRR
LTC2050/LTC2051/
LTC2052
Zero-Drift Operational Amplifiers in SOT-23
3MHz GBW, 800μA, 3μV VOS, Vto V+ – 1V In, RR Out, 2.7V to 6V, 130dB
CMRR/PSRR
LTC1050/LTC1051/
LTC1052
Precision Zero-Drift, Operational Amplifierwith Internal
Capacitors
2.5MHz GBW, 1mA, 5μV VOS, Vto V+ – 2.3V In, RR Out, 4.75V to 16V,
120dB CMRR, 125dB PSRR
LTC6084/LTC6085 Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
1.5MHz GBW, 110μA, 750μV VOS, RR In/Out, 2.5V to 5.5V
LT1783
1.25MHz, Over-The-Top® Micropower, Rail-to-Rail Input
and Output Op Amp in SOT-23
1.25MHz GBW, 300μA, 800μV VOS, RR In/Out, 2.5V to 18V
LT1637/LT1638/
LT1639
1.1MHz, 0.4V/μs Over-The-Top Micropower, Rail-to-Rail
Input and Output Op Amps
1.1MHz GBW, 250μA, 350μV VOS, RR In/Out, 2.7V to 44V, 110dB CMRR
LTC2054/LTC2055 Single/Dual Micropower Zero-Drift Operational Amplifiers 500kHz GBW, 150μA, 3μV VOS, Vto V+ – 0.5V In, RR Out, 2.7V to 6V
LT6010/LT6011/
LT6012
135μA, 14nV/√Hz, Rail-to-Rail Output Precision Op Amp
with Shutdown
330kHz GBW, 135μA, 35μV VOS, V+ 1.0V to V+ – 1.2V In, RR Out,
2.7V to 36V
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail Input and
Output Op Amp
200kHz GBW, 55μA, 800μV VOS, RR In/Out, 2.5V to 18V
LT1636
Over-The-Top, Micropower Rail-to-Rail, Input and Output
Op Amp
200kHz GBW, 50μA, 225μV VOS, RR In/Out, 2.7V to 44V, –40°C to 125°C
LT1490A/LT1491A Dual/Quad Over-The-Top, Micropower Rail-to-Rail Input
and Output Op Amps
200kHz GBW, 50μA, 500μV VOS, RR In/Out, 2V to 44V
LT2178/LT2179
17μA Max, Dual and Quad, Single Supply, Precision
Op Amps
85kHz GBW, 17μA, 70μV VOS, RR In/Out, 5V to 44V
LT6000/LT6001/
LT6002
Single, Dual and Quad, 1.8V, 13μA Precision Rail-to-Rail
Op Amps
50kHz GBW, 16μA , 600μV VOS(MAX), RR In/Out, 1.8V to 18V
VG
VG
VC
VC
R4
51
M1
2N7002
LED
D
RSENSE
10
R2
275k
R3
15k
C1
1nF
C2
1µF
RGATE
10k
R5
1M
R8
1M
M3
2N7002
6258 TA03
R7
470k
R9
140k
U2
LTC6258
RF
100
CF
470nF
5V
+
50ms/Div
–60.0
0
60.0
120.0
180.0
240.0
300.0
–2.0
–1.0
0
1.0
2.0
3.0
4.0
6258 TA04
LED Driver with Self Oscillation
LED Blinker Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com