| Moteur de recherche de fiches techniques de composants électroniques |
|
LT6230 Fiches technique(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT6230 Fiches technique(HTML) 2 Page - Linear Technology |
|
2 / 22 page ![]() LTC2312-14 2 231214fa For more information www.linear.com/LTC2312-14 PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS Supply Voltage (VDD, OVDD) .......................................6V Reference (REF) and Analog Input (AIN) Voltage (Note 3)......................................(–0.3V) to (VDD + 0.3V) Digital Input Voltage (Note 3)... (–0.3V) to (OVDD + 0.3V) Digital Output Voltage............. (–0.3V) to (OVDD + 0.3V) Power Dissipation ...............................................100mW Operating Temperature Range LTC2312C ................................................ 0°C to 70°C LTC2312I..............................................–40°C to 85°C LTC2312H .......................................... –40°C to 125°C Storage Temperature Range .................. –65°C to 150°C Lead Temperature Range (Soldering, 10 sec)........300°C (Notes 1, 2) 1 2 3 4 8 7 6 5 TOP VIEW TS8 PACKAGE 8-LEAD PLASTIC TSOT-23 CONV SCK SDO OVDD VDD REF GND AIN TJMAX = 150°C, θJA = 195°C/W ORDER INFORMATION Lead Free Finish TAPE AND REEL (MINI) TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LTC2312CTS8-14#TRMPBF LTC2312CTS8-14#TRPBF LTFZK 8-Lead Plastic TSOT-23 0°C to 70°C LTC2312ITS8-14#TRMPBF LTC2312ITS8-14#TRPBF LTFZK 8-Lead Plastic TSOT-23 –40˚C to 85˚C LTC2312HTS8-14#TRMPBF LTC2312HTS8-14#TRPBF LTFZK 8-Lead Plastic TSOT-23 –40˚C to 125˚C TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ |