| Moteur de recherche de fiches techniques de composants électroniques |
|
MA310 Fiches technique(PDF) 1 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MA310 Fiches technique(HTML) 1 Page - Monolithic Power Systems |
|
1 / 17 page ![]() EVKT-MACOM MagAlpha Communication Kit EVKT-MACOM www.MonolithicPower.com 1 3/15/2017 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2017 MPS. All Rights Reserved. DESCRIPTION The EVKT-MACOM is a communication kit for the MagAlpha magnetic position sensor family. The EVKT-MACOM offers a seamless connection and operation with MagAlpha test boards (TBMA) and evaluation kits (EVKT- KNOB). The EVKT-MACOM kit contains a microcontroller motherboard, a collection of daughter boards adapted to different sensor boards, and the related cables. FEATURES USB 2.0 High-Speed Interface LPC4370, ARM Cortex-M4 Microcontroller from NXP Connector Board to Interface with TBMA Test Boards (TBMA-CONN) Connector Board to Interface with EVMA Test Kits (EVMA-CONN) Compatible with Macom Application Software (MACOM App) APPLICATIONS Sensor Tests and Evaluation Performance Characterization Production Configurations and Tests All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For MPS green status, please visit the MPS website under Quality Assurance. “MPS” and “The Future of Analog IC Technology” are registered trademarks of Monolithic Power Systems, Inc. OVERVIEW Figure 1: EVKT-MACOM with EVMA-CONN Daughter Board |
Numéro de pièce similaire - MA310 |
|
Description similaire - MA310 |