| Moteur de recherche de fiches techniques de composants électroniques |
|
L6225PD Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6225PD Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() 3/10 L6225 RECOMMENDED OPERATING CONDITIONS PIN CONNECTION (Top View) Symbol Parameter MIN MAX Unit VS Supply Voltage 12 52 V VOD Differential Voltage Between VSA, OUT1A, OUT2A, SENSEA and VSB, OUT1B, OUT2B, SENSEB 52 V VSENSE Sensing voltage (pulsed tw<trr) (DC) -6 -1 6 1 V V Vref Vref Operating Voltage -0.1 5 V IOUT DC Output Current 1.4 A Tj Operating Junction Temperature -25 +125 °C fsw Switching Frequency 100 kHz PowerDIP20/SO20 GND OUT1A SENSEA IN2A IN1A VCP ENA OUT2A VSA VSB OUT2B VBOOT IN2B ENB IN1B SENSEB OUT1B GND 10 8 9 7 6 5 4 3 2 13 14 15 16 17 19 18 20 12 1 11 GND GND D99IN1092A GND OUT1B SENSEB IN1B IN2B 1 3 2 4 5 6 7 8 9 ENB VBOOT OUT2B VSB GND 15 14 13 12 11 D99IN1093A 10 20 19 18 17 16 IN1A IN2A SENSEA OUT1A GND GND VSA OUT2A VCP ENA PowerSO20 |