Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB375X Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce USB375X
Description  USB 2.0 Protection IC with Battery Charger Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB375X Fiches technique(HTML) 24 Page - Microchip Technology

Back Button USB375X Datasheet HTML 20Page - Microchip Technology USB375X Datasheet HTML 21Page - Microchip Technology USB375X Datasheet HTML 22Page - Microchip Technology USB375X Datasheet HTML 23Page - Microchip Technology USB375X Datasheet HTML 24Page - Microchip Technology USB375X Datasheet HTML 25Page - Microchip Technology USB375X Datasheet HTML 26Page - Microchip Technology USB375X Datasheet HTML 27Page - Microchip Technology USB375X Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
USB375x
DS00001824A-page 24
 2011 - 2014 Microchip Technology Inc.
5.2.2.1
Air Discharge
To perform this test, a charged electrode is moved close to the system being tested until a spark is generated. This test
is difficult to reproduce because the discharge is influenced by such factors as humidity, the speed of approach of the
electrode, and construction of the test equipment.
5.2.2.2
Contact Discharge
The uncharged electrode first contacts the USB connector to prepare this test, and then the probe tip is energized. This
yields more repeatable results, and is the preferred test method. The independent test laboratories contracted by Micro-
chip provide test results for both types of discharge methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31