Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP6920DN Fiches technique(PDF) 4 Page - Monolithic Power Systems

No de pièce MP6920DN
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6920DN Fiches technique(HTML) 4 Page - Monolithic Power Systems

  MP6920DN Datasheet HTML 1Page - Monolithic Power Systems MP6920DN Datasheet HTML 2Page - Monolithic Power Systems MP6920DN Datasheet HTML 3Page - Monolithic Power Systems MP6920DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV6920-N-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6920-N-00A Rev. 1.0
www.MonolithicPower.com
4
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the power supply or the auxiliary winding to the
VDD and VSS pins, respectively.
2. Parallel the VSS pin and VSENSE pin as the Source and Drain of SR MOSFET in the flyback circuit.
3. Preset the input voltage of flyback converter to the normal input range, and then turn off the power
supply.
4. Turn the power supply on. The IC will automatically starts up and works as an ideal diode.



Html Pages

1 2 3 4