| Moteur de recherche de fiches techniques de composants électroniques |
|
AHU1LASWN Fiches technique(PDF) 4 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
AHU1LASWN Fiches technique(HTML) 4 Page - CIT Relay & Switch |
|
4 / 6 page ![]() www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 Specifications and availability subject to change without notice. Dimensions shown in mm. Dimensions are shown for reference purposes only. UL Approved Illuminated Pushbutton page 4 AHU LED Ratings Color R Y G B W Units Reverse Voltage VR 55555 V Forward Current (peak) IFS 120 120 160 160 160 mA Reverse Current VR = 5V IR 10 10 10 10 10 μA Power Dissipation PT 80 80 120 120 120 mW Forward Voltage (typ) IF = 20mA VF 2.1 2.1 3.3 3.3 3.0 V Luminous Intensity, IF = 20mA LI 120 120 170 100 700 mcd LED Characteristics Features Ordering Information Wall Plate WP ◆ Fits standard size electrical boxes ◆ Multiple size options ◆ 2 finish options ◆ Laser etching available 1. Series WP B 19 A X WP 2. Size: A = 40mm x 115mm B = 70mm x 115mm C = 86mm x 86mm 3. Hole Size: 19 = 19mm diameter 4. Material A = Brushed aluminum Y = Brushed aluminum, yellow anodized 5. Laser Etching Symbol: Contact Factory with artwork |