Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AHU2LABBN Fiches technique(PDF) 2 Page - CIT Relay & Switch

No de pièce AHU2LABBN
Description  UL Approved Illuminated Pushbutton
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIT [CIT Relay & Switch]
Site Internet  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AHU2LABBN Fiches technique(HTML) 2 Page - CIT Relay & Switch

  AHU2LABBN Datasheet HTML 1Page - CIT Relay & Switch AHU2LABBN Datasheet HTML 2Page - CIT Relay & Switch AHU2LABBN Datasheet HTML 3Page - CIT Relay & Switch AHU2LABBN Datasheet HTML 4Page - CIT Relay & Switch AHU2LABBN Datasheet HTML 5Page - CIT Relay & Switch AHU2LABBN Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
AHU
Dimensions
UL Approved Illuminated Pushbutton
Ø15.50
[.61]
22.00
[.87]
25.28
[1.00]
Ø21.95
[.86]
19.55
[.77]
9.50 MAX
[.37]
7.30
[.29]
Ø17.90
[.70]
27.24
[1.07]
2.80 TYP
[.11]
0.50 TYP
[.02]
2.10
[.08]
M19x1.0
22.00
[.87]
25.28
[1.00]
Ø15.50
[.61]
Ø13.00
[.51]
Ø21.95
[.86]
Ø17.90
[.70]
9.50 MAX
[.37]
19.55
[.77]
2.10
[.08]
7.75
[.31]
7.30
[.29]
2.80 TYP
[.11]
0.50 TYP
[.02]
27.24
[1.07]
M19x1.0
ILLUMINATED
RING
A - Flush Actuator, Non-Illuminated
B - Flush Actuator, Ring Illuminated
25.28
[1.00]
22.00
[.87]
Ø10.00
[.39]
Ø15.50
[.61]
Ø21.95
[.86]
9.50 MAX
[.37]
7.30
[.29]
7.75
[.31]
0.50 TYP
[.02]
19.55
[.77]
2.10
[.08]
Ø17.90
[.70]
27.24
[1.07]
2.80 TYP
[.11]
M19x1.0
ILLUMINATED DOT
25.28
[1.00]
22.00
[.87]
Ø15.50
[.61]
Ø21.95
[.86]
9.50 MAX
[.37]
2.10
[.08]
19.55
[.77]
7.30
[.29]
7.75
[.31]
0.50 TYP
[.02]
2.80 TYP
[.11]
27.24
[1.07]
Ø17.90
[.70]
M19x1.0
ILLUMINATED
SYMBOL
C - Flush Actuator, Dot Illuminated
K - Flush Actuator, International Standby Symbol



Html Pages

1 2 3 4 5 6