| Moteur de recherche de fiches techniques de composants électroniques |
|
201610CDMCDDS-R24MC Fiches technique(PDF) 3 Page - Sumida Corporation |
|
|
|||||||||||||||||||||||||||||
201610CDMCDDS-R24MC Fiches technique(HTML) 3 Page - Sumida Corporation |
|
3 / 4 page ![]() Electrical Characteristics Inductance [Within] (μH) ※1 Temperature Rise Current (A) ※3 Saturation Current at 20℃(A) ※2 D.C.R. at 20℃ max(typ) (mΩ) Part Number 6.30 201610CDMCDDS-R24MC 0.24 ± 20% 20.00 (16.00) 7.20 4.60 201610CDMCDDS-R47MC 0.47 ± 20% 32.00 (26.00) 5.30 4.20 201610CDMCDDS-R68MC 0.68 ± 20% 43.00 (36.00) 4.20 3.30 201610CDMCDDS-1R0MC 1.00 ± 20% 57.00 (48.00) 3.50 2.10 201610CDMCDDS-2R2MC 2.20 ± 20% 138 (115) 2.30 ※1 Measuring frequency Inductance at 1MHz,0.1V ※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial value. ※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃ (Ta=25℃).(Test board condition: FR4, Copper=70μm, four-layer PWB t=1.6mm) 201610CDMCD/DS SMD Power Inductor Solder Reflow Condition Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order. Page 3 of 4 Ver. 2018-05-14 WWW.SUMIDA.COM |