| Moteur de recherche de fiches techniques de composants électroniques |
|
DM54LS86W Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54LS86W Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6380 June 1989 DM54LS86DM74LS86 Quad 2-Input Exclusive-OR Gates General Description This device contains four independent gates each of which performs the logic exclusive-OR function Connection Diagram Dual-In-Line Package TLF6380 – 1 Order Number DM54LS86J DM54LS86W DM74LS86M or DM74LS86N See NS Package Number J14A M14A N14A or W14B Function Table Y e A Z B e AB a AB Inputs Output AB Y LL L LH H HL H HH L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM54LS86W |
|
Description similaire - DM54LS86W |