Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS962 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DM74LS962
Description  Dual Rank 8-Bit TRI-STATE Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS962 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

  DM74LS962 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 6Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 7Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Test Circuit and Switching Time Waveforms
All diodes are 1N916 or 1N3064
CL includes probe and jig capacitance
TLF6438 – 4
TLF6438 – 5
All input pulses are supplied by generators having tr s 15 ns tf s 6 ns PRR s 1MHz ZOUT
50X
Cascading Packages
Cascading Packages for N-Bit Word
TLF6438 – 6
6



Html Pages

1 2 3 4 5 6 7 8