| Moteur de recherche de fiches techniques de composants électroniques |
|
0412CDMCCDS-R15MC Fiches technique(PDF) 2 Page - Sumida Corporation |
|
|
|||||||||||||||||||||||||||||
0412CDMCCDS-R15MC Fiches technique(HTML) 2 Page - Sumida Corporation |
|
2 / 4 page ![]() SMD Power Inductor 0412CDMCC/DS Page 2 of 4 Revised: 12-Mar-18 Electrical Characteristics ※1 Measuring frequency Inductance at 100kHz 1V. ※2 Saturation current: This indicates the value of D.C. current when the inductance becomes 30% lower than its initial value. ※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃ (Ta=25℃). (Test board condition: FR4, Copper=70 μm, four-layer PWB t=1.6mm) Part No. Stamp Inductance( μH) [Within] ※1 D.C.R( mΩ) Max.(Typ.) at 25℃ Saturation Current (A)Max.(Typ.) at 25℃ ※2 Temperature rise current(A) Typ.※3 0412CDMCCDS-R10MC R10 0.10±20% 7.2(6.0) 16.5(19.5) 11.5 0412CDMCCDS-R12MC R12 0.12±20% 7.8(6.5) 16.0(19.0) 11.0 0412CDMCCDS-R15MC R15 0.15±20% 9.6(8.0) 14.5(17.0) 9.4 0412CDMCCDS-R22MC R22 0.22±20% 11.0(9.2) 12.0(14.0) 9.0 0412CDMCCDS-R33MC R33 0.33±20% 19(17) 9.4(11.0) 6.5 0412CDMCCDS-R47MC R47 0.47±20% 21(19) 8.2(9.7) 6.0 0412CDMCCDS-R68MC R68 0.68±20% 36(32) 6.9(8.0) 4.7 0412CDMCCDS-1R0MC 1R0 1.0±20% 47(43) 6.0(7.1) 4.1 0412CDMCCDS-1R5MC 1R5 1.5±20% 75(68) 3.6(4.2) 2.9 0412CDMCCDS-2R2MC 2R2 2.2±20% 84(80) 3.4(4.0) 2.7 0412CDMCCDS-3R3MC 3R3 3.3±20% 140(125) 3.2(3.8) 2.1 0412CDMCCDS-4R7MC 4R7 4.7±20% 195(175) 2.6(3.1) 1.8 |