| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS665LSG Fiches technique(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS665LSG Fiches technique(HTML) 10 Page - Allegro MicroSystems |
|
10 / 18 page ![]() ATS665LSG TRUE ZERO-SPEED GEAR TOOTH SENSOR Final Version, Rev 1.0; DSD; 01Aug03 Page 10 SENSOR OPERATION: UPDATE The ATS665 incorporates an algorithm that continuously monitors the system and updates the switching thresholds accordingly. The switch point for each edge is determined by the previous two edges. Since variations are tracked in real time, the sensor has high immunity to target run-out and retains excellent accuracy and functionality in the presence of both run-out and transient mechanical events. The figures below show how the sensor uses historical data to provide the switching threshold for a given edge. Switching Level - Operate Operate point based on previous two peaks Switching Level - Release Release point based on previous two peaks Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright © 1993, 1995 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 |