| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB321C Fiches technique(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB321C Fiches technique(HTML) 29 Page - ATMEL Corporation |
|
29 / 37 page ![]() 29 AT45DB321C [Preliminary] 3387B–DFLSH–9/04 Auto Page Rewrite Flowchart Figure 1. Algorithm for Programming or Reprogramming of the Entire Array Sequentially Notes: 1. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-by- page. 2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer to Main Memory Page Program operation. 3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page within the entire array. START MAIN MEMORY PAGE PROGRAM THROUGH BUFFER (82H, 85H) END provide address and data BUFFER WRITE (84H, 87H) BUFFER TO MAIN MEMORY PAGE PROGRAM (83H, 86H) |