| Moteur de recherche de fiches techniques de composants électroniques |
|
WPC16AX Fiches technique(PDF) 4 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
WPC16AX Fiches technique(HTML) 4 Page - CIT Relay & Switch |
|
4 / 6 page ![]() www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 Specifications and availability subject to change without notice. Dimensions shown in mm. Dimensions are shown for reference purposes only. Illuminated Pushbutton - 16mm CH page 4 Panel Cut-Out LED Ratings Color R Y G B O W Units Reverse Voltage VR 555555 V Forward Curent (avg) IF 25 25 30 30 25 30 mA Forward Current (peak) IFS 120 120 160 160 120 160 mA Reverse Current VR = 5V IR 10 10 10 10 10 10 μA Power Dissipation PT 80 80 120 120 80 120 mW Operating & Storage Temperature TA -25 ~ +70 Cº Forward Voltage (typ) IF = 20mA VF 2.1 2.1 3.3 3.3 2.0 3.0 V Forward Voltage (max) IF = 20mA VF 2.4 2.5 3.6 3.6 2.3 3.6 V Wavelength at Peak Emmission IF = 20mA λP 635 592 516 463 606 n/a nm Spectral Line Half-Width IF = 20mA ∆λ 14 12 28 20 12 n/a nm Luminous Intensity, IF = 20mA LI 120 120 170 100 120 700 mcd Viewing Angle Θ 145 145 145 145 145 145 deg LED Characteristics Ø16.00 [.63] 2.80 [.11] 5.60 [.22] 4.90 [.19] 8.90 [.35] 1.75 TYP [.07] Bottom View |