Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFF1007GD Fiches technique(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No de pièce SFF1007GD
Description  10.0 Ampere Insulated Doubler Polarity Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF1007GD Fiches technique(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SFF1007GD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF1007GD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
Super fast switching for high efficiency
High current capability
Case: ITO-220AB full plastic isolated package
High surge current capability
Weight: 1.95 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
SFF1001GD thru SFF1008GD
Pb Free Plating Product
SFF1001GD thru SFF1008GD
10.0 Ampere Insulated Doubler Polarity Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.08T
ITO-220AB
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "GA"
Suffix "GD"
Suffix "GS"
Suffix "G"
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Unit : inch (mm)
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
trr
ns
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
SFF
1003
GD
SFF
1004
GD
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SFF
1005
GD
SFF
1006
GD
SFF
1007
GD
SFF
1008
GD
UNIT
Maximum repetitive peak reverse voltage
PARAMETER
SYMBOL
SFF
1001
GD
SFF
1002
GD
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
10
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
125
μA
400
Maximum reverse recovery time (Note 2)
35
A
Maximum instantaneous forward voltage (Note 1)
IF = 5A
VF
0.975
1.3
1.7
50
Typical thermal resistance
8
Operating junction temperature range
- 55 to +150
IR
10
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V DC.
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Typical junction capacitance (Note 3)
70


Numéro de pièce similaire - SFF1007GD

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SFF1007G TSC-SFF1007G Datasheet
116Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1007G TSC-SFF1007G Datasheet
334Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1007G TSC-SFF1007G Datasheet
186Kb / 2P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
SFF1007G LUGUANG-SFF1007G Datasheet
253Kb / 2P
Isolated10.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFF1007G TSC-SFF1007G Datasheet
400Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
More results

Description similaire - SFF1007GD

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
MURF1020D-CT THINKISEMI-MURF1020D-CT Datasheet
637Kb / 2P
10.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
URF1020D THINKISEMI-URF1020D Datasheet
287Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FRF1020D THINKISEMI-FRF1020D Datasheet
285Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Fast Recovery Rectifiers
SFF10L04GD THINKISEMI-SFF10L04GD Datasheet
1Mb / 6P
10.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
MURF1080CTD THINKISEMI-MURF1080CTD Datasheet
362Kb / 2P
10.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
SF101CD THINKISEMI-SF101CD Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101CTD THINKISEMI-SF101CTD Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101D THINKISEMI-SF101D Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
MURF1020CD THINKISEMI-MURF1020CD Datasheet
283Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020FCR THINKISEMI-MUR1020FCR Datasheet
281Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com