| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1838AS Fiches technique(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1838AS Fiches technique(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() REV. 0 AD1838 –22– OUTLINE DIMENSIONS Dimensions shown in millimeters and (inches) 52-Lead Plastic Quad Flatpack [MQFP] (S-52) SEATING PLANE VIEW A 0.23 (0.0091) 0.13 (0.0051) 2.45 (0.0965) MAX 0.95 (0.0374) 0.80 (0.0315) 0.65 (0.0256) TOP VIEW (PINS DOWN) 1 39 40 13 14 27 26 52 PIN 1 0.65 (0.0256) BSC 13.45 (0.5295) 13.20 (0.5197) SQ 12.95 (0.5098) 7.80 (0.3071) REF 10.11 (0.3980) 10.00 (0.3937) SQ 9.91 (0.3902) 0.38 (0.0150) 0.22 (0.0087) VIEW A ROTATED 90 CCW 7 0 2.10 (0.0827) 2.00 (0.0787) 1.95 (0.0768) 0.25 (0.0098) MIN COPLANARITY CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |