Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DDZ6V8CS Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce DDZ6V8CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ6V8CS Fiches technique(HTML) 3 Page - Diodes Incorporated

  DDZ6V8CS Datasheet HTML 1Page - Diodes Incorporated DDZ6V8CS Datasheet HTML 2Page - Diodes Incorporated DDZ6V8CS Datasheet HTML 3Page - Diodes Incorporated DDZ6V8CS Datasheet HTML 4Page - Diodes Incorporated DDZ6V8CS Datasheet HTML 5Page - Diodes Incorporated DDZ6V8CS Datasheet HTML 6Page - Diodes Incorporated DDZ6V8CS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DDZ5V1BS - DDZ47S
Document number: DS30414 Rev. 10 - 2
3 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DDZ5V1BS - DDZ47S
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Derating Curve
Note 5
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
10
1.0
0.1
0.01
1,000
10n
100n
1m
0
5
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10m
100m
10
15
20
25
30
35
40
45



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com