Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2979 Fiches technique(PDF) 13 Page - Linear Technology

No de pièce LTC2979
Description  16-Channel PMBus Low-Voltage Power System Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2979 Fiches technique(HTML) 13 Page - Linear Technology

Back Button LTC2979 Datasheet HTML 9Page - Linear Technology LTC2979 Datasheet HTML 10Page - Linear Technology LTC2979 Datasheet HTML 11Page - Linear Technology LTC2979 Datasheet HTML 12Page - Linear Technology LTC2979 Datasheet HTML 13Page - Linear Technology LTC2979 Datasheet HTML 14Page - Linear Technology LTC2979 Datasheet HTML 15Page - Linear Technology LTC2979 Datasheet HTML 16Page - Linear Technology LTC2979 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2979
13
2979f
For more information www.linear.com/LTC2979
BLOCK DIAGRAM
GND
DNC
VIN_EN
VIN_SNS
VDD33
VSENSEP0
VSENSEP7
VSENSEP0
VSENSEP7
VDD33
VDD33
VDD25
REFP
REFM
VDACP0
VDACP0
VDACP7
VDACP7
VDACM0
VDACM0
VDACM7
VDACM7
VOUT_EN0
VOUT_EN0
VOUT_EN7
VOUT_EN7
VSENSEP1
VSENSEP1
VSENSEP6
VSENSEP6
VSENSEM1
VSENSEM1
VSENSEM6
VSENSEM6
VDACP1
VDACP1
VDACP6
VDACP6
VDACM1
VDACM1
VDACM6
VDACM6
VOUT_EN1
VOUT_EN1
VOUT_EN6
VOUT_EN6
1/2 LTC2979
Device A (LTC2977)
VSENSEP2
VSENSEP2
VSENSEP5
VSENSEP5
VSENSEM2
VSENSEM2
VSENSEM5
VSENSEM5
VDACP2
VDACP2
VDACP5
VDACP5
VDACM2
VDACM2
VDACM5
VDACM5
VOUT_EN2
VOUT_EN2
VOUT_EN5
VOUT_EN5
VSENSEP3
VSENSEP3
VSENSEP4
VSENSEP4
VSENSEM3
VSENSEM3
VSENSEM4
VSENSEM4
VDACP3
VDACP3
VDACP4
VDACP4
VDACM3
VDACM3
VDACM4
VDACM4
VOUT_EN3
VOUT_EN4
VOUT_EN3
VOUT_EN4
VSENSEM0
VSENSEM7
VSENSEM0
VSENSEM7
FAULTB11
FAULTB11
ASEL0
ASEL0
SCL
SCL
ASEL1
ASEL1
SDA
SDA
CONTROL0
CONTROL0
ALERTB
ALERTB
CONTROL1
CONTROL1
WDI/RESETB
WDI/RESETB
SHARE_CLK
FAULTB00
FAULTB00
SHARE_CLK
FAULTB01
FAULTB01
WP
WP
FAULTB10
FAULTB10
PWRGD
PWRGD
G2
G1
K1
F1
F3
GND
F4
GND
G3
GND
G4
GND
GND
GND
GND
GND
G4
G4
G4
G4
G5
B1
G6
F6
H6
E5
C1
F5
E6
D6
A6
D1
B6
C6
A5
B5
J1
C4
D5
C5
K6
L6
J6
K5
M4
K4
L4
M3
H2
J2
K2
J5
H5
H3
H4
J3
J4
L1
D2
E3
A1
A2
E2
F2
D3
C3
M1
C2
B2
A3
B3
E1
B4
A4
E4
D4
H1
M6
M5
L5
L3
K3
M2
L2
2979 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20