| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4940-1ACPZ-R7 Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4940-1ACPZ-R7 Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 30 page ![]() ADA4940-1/ADA4940-2 Data Sheet Rev. E | Page 2 of 30 TABLE OF CONTENTS Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagrams............................................................. 1 Revision History ............................................................................... 3 Specifications..................................................................................... 4 VS = 5 V.......................................................................................... 4 VS = 3 V.......................................................................................... 6 Absolute Maximum Ratings............................................................ 8 Thermal Resistance ...................................................................... 8 Maximum Power Dissipation ..................................................... 8 ESD Caution.................................................................................. 8 Pin Configurations and Function Descriptions ........................... 9 Typical Performance Characteristics ........................................... 11 Test Circuits..................................................................................... 20 Terminology .................................................................................... 21 Definition of Terms.................................................................... 21 Theory of Operation ...................................................................... 22 Applications Information .............................................................. 23 Analyzing an Application Circuit ............................................ 23 Setting the Closed-Loop Gain .................................................. 23 Estimating the Output Noise Voltage ...................................... 23 Impact of Mismatches in the Feedback Networks................. 24 Calculating the Input Impedance of an Application Circuit 24 Input Common-Mode Voltage Range ..................................... 25 Input and Output Capacitive AC Coupling............................ 26 Setting the Output Common-Mode Voltage .......................... 26 DISABLE Pin .............................................................................. 26 Driving a Capacitive Load......................................................... 26 Driving a High Precision ADC ................................................ 27 Layout, Grounding, and Bypassing.............................................. 28 ADA4940-1 LFCSP Example.................................................... 28 Outline Dimensions ....................................................................... 29 Ordering Guide .......................................................................... 30 |