| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH-7776 Fiches technique(PDF) 4 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH-7776 Fiches technique(HTML) 4 Page - OSRAM GmbH |
|
4 / 35 page ![]() 2016-04-25 4 Version 1.2 SFH 7776 Measurement modes If V DD exceeds the threshold voltage, the sensor will switch from OFF mode to STAND-BY mode. As shown in the transition-diagram above it is possible to switch between all modes without any restriction. Mode Description OFF The device is inactive. Other units may use the I2C bus without any restrictions; I/O pins and INT are in high Z state. There is no sink current through the LED STAND-BY This is the initial mode after power-up. IDD is typ. 0.8A. No measurement is performed. Device can be activated by I2C bus communication. Data registers can be read and written. ALS / PS free - RUNNING Measurements are triggered internally by the SFH 7776. Stand-by / active mode for ALS and PS, measurement times, interrupt options and LED current can be adjusted via I²C register. Measurement results can be read from the data register, the status from the interrupt register. STAND-BY OFF Proximity Sensor (PS) and Ambient Light Sensor (ALS) free - RUNNING Proximity Sensor (PS) free - RUNNING Ambient Light Sensor (ALS) free - RUNNING |