Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV-DCA/VGA-E01 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 10Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 11Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 12Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 13Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 14Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 15Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 16Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 17Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
14
STV0680F_contents.fm
3.
Camera modes of operation
The above modes are interrupted by the detection of a USB or RS232 connection. This is to allow for the possibility that the PC
driver takes control of the chipset (e.g. when starting a VfW application through USB).
3.1
Standby mode (or USB suspend mode)
3.1.1
Entering this mode
The camera enters standby mode automatically after 30 seconds of inactivity if not tethered to USB, or when USB suspend mode
is activated by the PC driver.
3.1.2
Description
This allows image data to be stored in memory with extremely low power consumption, which appears to the user as if the
camera is switched ‘off’, since there is no LCD display or LED lit. In VV6444-based designs, STV0680A powers off the sensor
completely, in VV6410/6500 based designs, the sensor is placed in suspend mode, and the camera enters a mode where only
SDRAM refresh is carried out. The shutter button is inactive in standby mode.
3.1.3
Exiting this mode
Wake-up from standby mode is achieved by any of the following means:
1. Pressing the ‘mode’ button (only if no USB detected)
Mode
If shutter button pressed while in
this mode
If mode button
pressed while in this
mode
If no further
action
LCD
displays
Standby
mode
No function - pictures cannot be taken in
standby mode
Wakes up camera into
‘Snapshot’ mode
Remains in
standby mode
(Display is
blank)
’Snapshot’
mode
Takes one picture, if sufficient light availa-
ble, then returns to ‘Snapshot’ mode
Moves to continuous cap-
ture mode
Stays in ‘Snap-
shot’ mode for
30 seconds then
moves to
standby mode
Number of pic-
tures still avail-
able to take
Continu-
ous cap-
ture
Takes a picture every 80mS while button
pressed, regardless of light available, then
returns to ‘Snapshot’ mode
Moves to self timer mode
Returns to
‘Snapshot’ mode
after 5 seconds
Number of pic-
tures still avail-
able to take
Self timer
Takes one picture after a 10 second count-
down, if sufficient light available, then
returns to ‘Snapshot’ mode
Moves to ‘Clear camera’
mode
“St”
’Clear
camera’
(1st press:)
Prompts user to
clear camera
(2nd press:) Clears all
images stored in cam-
era, then returns to
‘Snapshot’ mode
Moves to ‘Change resolu-
tion’ mode (see note)
“CL”
’Change
resolution’
Changes resolution (i.e. Low to High, or
High to Low) and returns to ‘Snapshot’
mode
Returns to ‘Snapshot’
mode
If currently in
Low Resolu-
tion: “Hr”
If currently in
High resolu-
tion: “Lr”
Table 6 : Camera modes
Note: In STV0680-001, pressing the Mode button while in ‘Clear Camera’ mode only moves onto ‘Change resolution’ mode if the
camera has no images stored. This is because in STV0680-001, mixed resolutions (i.e. ‘High’ and ‘Low’) cannot be stored at the
same time. In STV0680A-002, mixed resolutions can be stored at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60