Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV-DCA/CIF-E01 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 2Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 3Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 4Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 5Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 6Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 7Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 8Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 9Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
6
STV0680F_contents.fm
Revision notes
The following changes have been included since revision 2.00.
•
Removed all schematics and only show example parts list, instead referring to respective reference designs (in Section 9.)
•
Documentation now refers to STV0680A which supercedes STV0680 - see Section 1.2 for explanation.
•
Clarified which STV0680/680A variants and which PC operating systems offer VfW support and RS232 support, offering VfW
support - see Table 3.
•
Updated STV0680A pin descriptions (pinout not changed) in Section 8.
•
Confirmed user interface functionality in Section 3. and added Table 6 to show modes of operation and button functions.
•
Section 3.: Images captured in both ‘High’ and ‘Low’ resolution can be stored in camera memory at the same time. Therefore
there is no need for images stored in memory to be cleared before changing image resolution.
•
Changed IR filter recommendation, see section Section 2.1.1.
•
Added approximate shutter speeds, in
Table 10.
•
Adjusted sensor image array sizes in Section 7. to the correct sizes.
•
Updated ordering information in Section 14.
•
Updated current consumption information of STV0680, STV0680A, VV6444, and complete camera, see Section 7.2 and
Section 7.5.
•
Added VfW framerates for STV0680A (Section 2.1).
•
New order number STV0680A-002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60