| Moteur de recherche de fiches techniques de composants électroniques |
|
MP3384LGQ Fiches technique(PDF) 2 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP3384LGQ Fiches technique(HTML) 2 Page - Monolithic Power Systems |
|
2 / 12 page ![]() MP3384L – 50V, 4-STRING, WHITE LED DRIVER MP3384L Rev. 1.0 www.MonolithicPower.com 2 12/27/2013 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2013 MPS. All Rights Reserved. ORDERING INFORMATION Part Number* Package Top Marking MP3384LGQ QFN16 (3mm × 3mm) AFZ * For Tape & Reel, add suffix –Z (e.g. MP3384LGQ–Z) PACKAGE REFERENCE ABSOLUTE MAXIMUM RATINGS (1) VIN ................................................−0.3V to +30V VSW, VLED1 to VLED4...........................−1V to +50V All Other Pins.................................−0.3V to +6V Continuous Power Dissipation (TA = +25°C) (2) ………………………………………………....2.1W Junction Temperature...............................150°C Lead Temperature ....................................260°C Storage Temperature.............. −65°C to +150°C Recommended Operating Conditions (3) Supply Voltage VIN ..........................+3V to +25V Operating Junction Temp. (TJ).−40°C to +125°C Thermal Resistance (4) θJA θJC QFN16 (3mm × 3mm) ..........60 ...... 12 ... °C/W Notes: 1) Exceeding these ratings may damage the device. 2) The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX), the junction-to-ambient thermal resistance θJA, and the ambient temperature TA. The maximum allowable continuous power dissipation at any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. 3) The device is not guaranteed to function outside of its operation conditions. 4) Measured on JESD51-7, 4-layer PCB. |