| Moteur de recherche de fiches techniques de composants électroniques |
|
MP3373GY Fiches technique(PDF) 13 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP3373GY Fiches technique(HTML) 13 Page - Monolithic Power Systems |
|
13 / 20 page ![]() MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR MP3373 Rev. 1.02 www.MonolithicPower.com 13 8/16/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. Fault Flag Indication At normal mode, the FAULT pin is pulled to high by pull-up resistor. When the short/open LED protection, OVP protection, inductor/diode short protection, or thermal shutdown protection condition is detected, the FAULT pin is pulled to GND which provides a fault state to the master system. Note that disabling the unused channels by connecting CTLX to GND will not change the FAULT normal condition. |