| Moteur de recherche de fiches techniques de composants électroniques |
|
MP3373 Fiches technique(PDF) 20 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP3373 Fiches technique(HTML) 20 Page - Monolithic Power Systems |
|
20 / 20 page ![]() MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP3373 Rev. 1.02 www.MonolithicPower.com 20 8/16/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. TSSOP-28 0.19 0.30 9.60 9.80 SEATING PLANE 0.65 BSC PIN 1 ID 4.30 4.50 6.20 6.60 1 14 15 28 0.80 1.05 1.20 MAX 0.05 0.15 TOP VIEW FRONT VIEW SIDE VIEW 0.09 0.20 SEE DETAIL "A" RECOMMENDED LAND PATTERN 5.80 TYP 1.60 TYP 0.40 TYP 0.65 BSC DETAIL A 0.45 0.75 0 o-8o 0.25 BSC GAUGE PLANE NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING CONFORMS TO JEDEC MO-153, VARIATION AE. 6) DRAWING IS NOT TO SCALE. |