Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0680A-002 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STV0680A-002
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680A-002 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STV0680A-002 Datasheet HTML 35Page - STMicroelectronics STV0680A-002 Datasheet HTML 36Page - STMicroelectronics STV0680A-002 Datasheet HTML 37Page - STMicroelectronics STV0680A-002 Datasheet HTML 38Page - STMicroelectronics STV0680A-002 Datasheet HTML 39Page - STMicroelectronics STV0680A-002 Datasheet HTML 40Page - STMicroelectronics STV0680A-002 Datasheet HTML 41Page - STMicroelectronics STV0680A-002 Datasheet HTML 42Page - STMicroelectronics STV0680A-002 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
39
STV0680F_contents.fm
8.3
STV0680A Package Dimensions
Figure 6 : 100QFP Package dimensions
Note: Pin pitch is 0.65mm
For sensor pinout and package dimensions, see Section 10., Section 11., and Section 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60