| Moteur de recherche de fiches techniques de composants électroniques |
|
VV6444 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV6444 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 60 page ![]() PRELIMINARY Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000 STV0680A + VV6444/6410/6500 CDSTV0680F-C Commercial in confidence 58 STV0680F_backpages.fm 13. Evaluation kit STMicroelectronics recommends using the Evaluation Kit (e.g. STV-DCA/CIF-E01) for initial evaluation and design-in. The STV- DCA includes a reference design board (STV-DCA/CIF-R01) camera module, containing a STMicroelectronics CMOS sensor + STV0680A chipset, memory, lens, connectors, LCD, battery holder, push buttons/switches, and other componentry as detailed. The push buttons are arranged for ease of operation as a real ‘camera’. Optional PCB links enable alternate functionality, and demonstration software is included, as detailed in Section 5. allows for picture download, video, and AVI movie clips An evaluation kit is not available for STV0680+VV6444. Several small form factor demonstration units (PCB0194) have been built, however, these are not identical to the camera described in this reference design. ! Note |