Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RBO40 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce RBO40
Description  REVERSED BATTERY AND OVERVOLTAGE PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO40 Fiches technique(HTML) 5 Page - STMicroelectronics

  RBO40 Datasheet HTML 1Page - STMicroelectronics RBO40 Datasheet HTML 2Page - STMicroelectronics RBO40 Datasheet HTML 3Page - STMicroelectronics RBO40 Datasheet HTML 4Page - STMicroelectronics RBO40 Datasheet HTML 5Page - STMicroelectronics RBO40 Datasheet HTML 6Page - STMicroelectronics RBO40 Datasheet HTML 7Page - STMicroelectronics RBO40 Datasheet HTML 8Page - STMicroelectronics RBO40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RBO40-40G / RBO40-40T
5/10
- Input
(1) :
Pin 1
- Output (3) :
Pin 3
- Gnd
(2) :
Connected to base Tab
Marking
:
Logo, date code, RBO40-40G
PINOUT configuration in D
2PAK :
D1
T1
T2
TAB
D1
T1
T2
(TAB)
- Input
(1) :
Pin 1
- Output (3) :
Pin 3
- GND
(2) :
Connected to base Tab
Marking
:
Logo, date code, RBO40-40T
PINOUT configuration in TO220AB :



Html Pages

1 2 3 4 5 6 7 8 9 10