Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFE201210S-R47M Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce DFE201210S-R47M
Description  Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DFE201210S-R47M Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DFE201210S-R47M_18 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DFE201210S-R47M_18 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductance-Current characteristics (Typ.)
Temperature rise characteristics (Typ.)
Chart of characteristic data (The charts below may show another part number which shares its characteristics.)
Last updated: 2018/05/21
2 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2