Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2000 Fiches technique(PDF) 2 Page - Linear Technology

No de pièce LTC2000
Description  16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Fiches technique(HTML) 2 Page - Linear Technology

  LTC2000 Datasheet HTML 1Page - Linear Technology LTC2000 Datasheet HTML 2Page - Linear Technology LTC2000 Datasheet HTML 3Page - Linear Technology LTC2000 Datasheet HTML 4Page - Linear Technology LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
dc2085afb
DEMO MANUAL DC2085
QUICK START PROCEDURE
DC2085 is easy to set up to evaluate the performance of the
LTC2000. Refer to Figure 1 for proper measurement equip-
ment set-up and follow the procedure below:
Setup
If the Altera Stratix IV GX FPGA Development Kit was not
supplied with the DC2085 demonstration circuit, follow
the Altera Stratix IV demo manual to install the required
software and for connecting the Altera Stratix IV to the
DC2085 and to a PC.
Figure 1. DC2085 Setup (zoom for details)
SINGLE-ENDED
SAMPLE CLOCK INPUT
CONNECT USB TO PC
RUNNING LTDACGen SOFTWARE
JUMPERS SHOWN IN THEIR DEFAULT POSITIONS
THE DC2085 CONNECTS TO THE ALTERA STRATIX IV
EVALUATION BOARD VIA HSMC CONNECTORS
5V
DIFFERENTIAL OUTPUTS
NOMINAL OUTPUTS LOOK LIKE 50
PER SIDE TO DRIVE AN EXTERNAL
BALUN, OR COMBINER
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14