Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP157GS Fiches technique(PDF) 6 Page - Monolithic Power Systems

No de pièce MP157GS
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157GS Fiches technique(HTML) 6 Page - Monolithic Power Systems

Back Button MP157GS Datasheet HTML 2Page - Monolithic Power Systems MP157GS Datasheet HTML 3Page - Monolithic Power Systems MP157GS Datasheet HTML 4Page - Monolithic Power Systems MP157GS Datasheet HTML 5Page - Monolithic Power Systems MP157GS Datasheet HTML 6Page - Monolithic Power Systems MP157GS Datasheet HTML 7Page - Monolithic Power Systems MP157GS Datasheet HTML 8Page - Monolithic Power Systems MP157GS Datasheet HTML 9Page - Monolithic Power Systems MP157GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
6
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
On-State Resistance
vs. Temperature
Feedback Threshold
vs. Temperature
VCC Decreasing Level at
which the internal regulator
Turns-On vs. Temperature
VCC Decreasing Level at
which the protection Phase
Ends vs. Temperature
VCC Increasing Level at
which the internal regulator
stops vs. Temperature
Peak Current Limit
vs. Temperature
SCP Point vs. Temperature
Minimum Off Time
vs. Temperature
Break Down Voltage
vs. Temperature
-40-25-10 5 20 35 50 65 80 95 110125
-40-25-10 5 20 35 50 65 80 95 110125
-40-25-10 5 20 35 50 65 80 95 110125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40-25-10 5 20 35 50 65 80 95110 125
-40-25-10 5 20 35 50 65 80 95110 125
4.42
4.44
4.46
4.48
4.50
4.52
4.54
4.56
4.58
4.60
4.62
2.20
2.15
2.10
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40-25-10 5 20 35 50 65 80 95 110125
12.8
12.9
13.0
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
-40-25-10 5 20 35 50 65 80 95110 125
-40-25 -10 5 20 35 50 65 80 95110125
-40-25-10 5 20 35 50 65 80 95110125
530
540
550
560
570
580
590
600
610
620
630
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.56
2.57
2.58
4.66
4.68
4.70
4.72
4.74
4.76
4.78
4.80
4.82
4.84
4.86
580
590
600
610
620
630
640
650
660
670
680
200
300
400
500
600
700
800
900
1000
1100
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20