Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTP5901-IPR Fiches technique(PDF) 17 Page - Linear Technology

No de pièce LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Fiches technique(HTML) 17 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 13Page - Linear Technology LTP5901-IPR Datasheet HTML 14Page - Linear Technology LTP5901-IPR Datasheet HTML 15Page - Linear Technology LTP5901-IPR Datasheet HTML 16Page - Linear Technology LTP5901-IPR Datasheet HTML 17Page - Linear Technology LTP5901-IPR Datasheet HTML 18Page - Linear Technology LTP5901-IPR Datasheet HTML 19Page - Linear Technology LTP5901-IPR Datasheet HTML 20Page - Linear Technology LTP5901-IPR Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
17
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Typical perFormance characTerisTics
As described in the SmartMesh Network Overview sec-
tion, devices in network spend the vast majority of their
time inactive in their lowest power state (Doze). On a
synchronous schedule a mote will wake to communicate
with another mote. Regularly occurring sequences which
wake, perform a significant function and return to sleep
are considered atomic. These operations are considered
atomic as the sequence of events can not be separated
into smaller events while performing a useful function.
For example, transmission of a packet over the radio is an
atomicoperation.Atomicoperationsmaybecharacterized
in either charge or energy. In a time slot where a mote
successfully sends a packet, an atomic transmit includes
setuppriortosendingthemessage,sendingthemessage,
receiving the acknowledgment and the post processing
needed as a result of the message being sent. Similarly
in a time slot when a mote successfully receives a packet,
an atomic receive includes setup prior to listening, listen-
ing until the start of the packet transition, receiving the
packet, sending the acknowledge and the post processing
required due to the arrival of the packet.
To ensure reliability each mote in the network is provided
multiple time slots for each packet it nominally will send
and forward. The time slots are assigned to communicate
upstreamwithatleasttwodifferentmotes.Whencombined
with frequency hopping this provides temporal, spatial
and spectral redundancy. Given this approach a mote will
often listen for a message that it will never receive, since
the time slot is not being used by the transmitting mote.
It has already successfully transmitted the packet. Since
typicallythreetimeslotsarescheduledforeveryonepacket
to be sent or forwarded, motes will perform more of these
atomic idle listens than atomic transmit or atomic receive
sequences. Examples of transmit, receive and idle listen
atomic operations are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34