Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM4N650HD Fiches technique(PDF) 9 Page - Rectron Semiconductor

No de pièce RM4N650HD
Description  N-Channel Super Junction Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM4N650HD Fiches technique(HTML) 9 Page - Rectron Semiconductor

Back Button RM4N650HD Datasheet HTML 3Page - Rectron Semiconductor RM4N650HD Datasheet HTML 4Page - Rectron Semiconductor RM4N650HD Datasheet HTML 5Page - Rectron Semiconductor RM4N650HD Datasheet HTML 6Page - Rectron Semiconductor RM4N650HD Datasheet HTML 7Page - Rectron Semiconductor RM4N650HD Datasheet HTML 8Page - Rectron Semiconductor RM4N650HD Datasheet HTML 9Page - Rectron Semiconductor RM4N650HD Datasheet HTML 10Page - Rectron Semiconductor RM4N650HD Datasheet HTML 11Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TO-220-3L-C Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.400
4.600
0.173
0.181
A1
2.250
2.550
0.089
0.100
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.330
0.650
0.013
0.026
c1
1.200
1.400
0.047
0.055
D
9.910
10.250
0.390
0.404
E
8.9500
9.750
0.352
0.384
E1
12.650
12.950
0.498
0.510
e
2.540 TYP.
0.100 TYP.
e1
4.980
5.180
0.196
0.204
F
2.650
2.950
0.104
0.116
H
7.900
8.100
0.311
0.319
h
0.000
0.300
0.000
0.012
L
12.900
13.400
0.508
0.528
L1
2.850
3.250
0.112
0.128
V
7.500 REF.
0.295 REF.
3.400
3.800
0.134
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11