Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM2N650IP Fiches technique(PDF) 8 Page - Rectron Semiconductor

No de pièce RM2N650IP
Description  N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM2N650IP Fiches technique(HTML) 8 Page - Rectron Semiconductor

  RM2N650IP Datasheet HTML 1Page - Rectron Semiconductor RM2N650IP Datasheet HTML 2Page - Rectron Semiconductor RM2N650IP Datasheet HTML 3Page - Rectron Semiconductor RM2N650IP Datasheet HTML 4Page - Rectron Semiconductor RM2N650IP Datasheet HTML 5Page - Rectron Semiconductor RM2N650IP Datasheet HTML 6Page - Rectron Semiconductor RM2N650IP Datasheet HTML 7Page - Rectron Semiconductor RM2N650IP Datasheet HTML 8Page - Rectron Semiconductor RM2N650IP Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TO-252 Package Information
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
0.000
0.127
0.000
0.005
b
0.660
0.860
0.026
0.034
c
0.460
0.580
0.018
0.023
D
6.500
6.700
0.256
0.264
D1
5.100
5.460
0.201
0.215
D2
4.830 TYP.
0.190 TYP.
E
6.000
6.200
0.236
0.244
e
2.186
2.386
0.086
0.094
L
9.800
10.400
0.386
0.409
L1
2.900 TYP.
0.114 TYP.
L2
1.400
1.700
0.055
0.067
L3
1.600 TYP.
0.063 TYP.
L4
0.600
1.000
0.024
0.039
Φ
1.100
1.300
0.043
0.051
θ
h
0.000
0.300
0.000
0.012
V
5.350 TYP.
0.211 TYP.



Html Pages

1 2 3 4 5 6 7 8 9