Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BPW-34-FSR Fiches technique(PDF) 12 Page - OSRAM GmbH

No de pièce BPW-34-FSR
Description  Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW-34-FSR Fiches technique(HTML) 12 Page - OSRAM GmbH

Back Button BPW-34-FSR Datasheet HTML 5Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 6Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 7Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 8Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 9Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 10Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 11Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 12Page - OSRAM GmbH BPW-34-FSR Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2016-06-30
12
Version 1.4
BPW 34 FSR
Glossary
1) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13